PART |
Description |
Maker |
SQ3344D-70MHZ P1144-3SD-70MHZ P1145-3SD-70MHZ SQ33 |
20 Pin, 7.1 KB Std Flash, 256 RAM, 18 I/O Pb Free, -40C to 85C, 20-SOIC 300mil, T/R 14 pin PIC W/ECCP/PWM, 10 bit A2D, comparator, midrange core, 2K words flash and, -40C to 125C, 14-SOIC 150mil, TUBE 20 Pin, 3.5KB Flash, 128 RAM, 18 I/O, -40C to 125C, 20-QFN, T/R 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 125C, 20-SSOP 208mil, T/R FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 20-QFN, T/R 20 Pin, 7.1 KB Std Flash, 256 RAM, 18 I/O Pb Free, -40C to 125C, 20-SSOP 208mil, T/R 16 Pin, 7KB Std Flash, 256 RAM, 12 I/O, -40C to 85C, 16-QFN, T/R 20 Pin, 7.1 KB Std Flash, 256 RAM, 18 I/O Pb Free, -40C to 125C, 20-PDIP, TUBE 晶体振荡 Crystal Oscillator 晶体振荡 14 pin PIC W/ECCP/PWM, 10 bit A2D, comparator, midrange core, 2K words flash and, -40C to 85C, 14-TSSOP, TUBE 晶体振荡 16 Pin, 7KB Std Flash, 256 RAM, 12 I/O, -40C to 125C, 16-QFN, TUBE 晶体振荡 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 125C, 20-SOIC 300mil, T/R 晶体振荡 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 85C, 20-SOIC 300mil, T/R 晶体振荡 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 125C, 20-SOIC 300mil, TUBE 晶体振荡 14 Pin PIC w/USART, 10 Bit A2D, Flash EEPROM and Program Memory Read., -40C to 125C, 14-TSSOP, TUBE 晶体振荡
|
Pletronics STMicroelectronics N.V. Kingbright, Corp. Electronic Theatre Controls, Inc. Linear Technology, Corp. ITT, Corp. TE Connectivity, Ltd. Avago Technologies, Ltd.
|
ST10F272B ST10F272E |
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
|
STMicroelectronics
|
ST10F272B12 ST10F272E12 |
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
|
STMicroelectronics
|
STR711F STR710F STR710FZ2T6 STR710FZ1T6 STR711FR1T |
STR71x: 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
ST Microelectronics
|
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
P22-040I PA22-040 CM22-040 PA22-040I P22-040N P23- |
MCU CMOS 40 LD 16MHZ 8K EPRM, 0C to 70C, 40-PDIP, TUBE MCU CMOS 44 LD 16MHZ 8K EPRM, -40C to 85C, 44-TQFP, TRAY MCU CMOS 44 LD 25MHZ 8K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, 0C to 70C, 44-TQFP, TRAY 14 pin PIC with falsh, comparator, midrange core, 1K words flash & 128 bytes, -40C to 85C, 14-TSSOP, TUBE FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 20-SSOP 208mil, T/R 16-pin, 1.75KB, Flash, 72B RAM, 2x Comparator, 8MHz internal osc, HiVolt support, -40C to 85C, 14-TSSOP, T/R MCU CMOS 44 LD 25MHZ 2K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44LD 16MHz 8K EPRM, 0C to 70C, 44-TQFP, T/R MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-TQFP, TRAY MCU CMOS 44 LD 25MHZ 2K EPRM, -40C to 85C, 44-MQFP, TRAY 模拟IC MCU CMOS 44 LD 16MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY 模拟IC Analog IC 模拟IC
|
Golledge Electronics, Ltd.
|
ST10F280 ST10F280-JT3 ST10F280DATASHEET |
16-BIT MCU WITH MAC UNIT - 5V SINGLE SUPPLY - 18 KB RAM - 512 KB FLASH MEMORY - 2 TIMERS - A/D - ASC/SSC - 2 CAN2.0B - MARCH 2002 16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
|
STMICROELECTRONICS[STMicroelectronics]
|
OSC27-6-1 OSC27-6-2 OSC27-6-3 |
8 PIN, 384B STD FLASH, 16 RAM, 4 I/O, -40C to 125C, 8-DFN, T/R 8 PIN, 384 B STD FLASH, 16 RAM, 4 I/O, -40C to 85C, 8-DFN, T/R 6-Pin, 8-Bit Flash Microcontrollers, -40C to 125C, 6-SOT-23, BAG 模拟IC
|
KOA Speer Electronics,Inc.
|
AM29LV102B AM29LV102BB-120EC AM29LV102BB-120ECB AM |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory IC SMT SRAM 128K X 8 70NS 5V SOP-32 SRAM; Memory Type:Asynchronous SRAM; Memory Size:1MB; Memory Configuration:64K x 16; Access Time, Tacc:10ns; Package/Case:44-TSOP-II; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区32引脚闪存
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
ST72141 6342 |
8-BIT MCU WITH 8K ROM/OTP/EPROM, 256 BYTES RAM, From old datasheet system
|
STMicro
|
|